Part Number Hot Search : 
1N493 GP602 23N50 4428C SH7211F SI4833 BR262 LX5551
Product Description
Full Text Search
 

To Download 1N5394G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391G thru 1N5399G
GLASS PASSIVATED RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.5 Amperes DO-15
FEATURES
Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0
1.0(25.4 MIN
.034(0.9) DI .028(0.7)
.300(7.6) .230(5.8)
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic Polarity: Color band denotes cathode Weight: 0.015 ounces , 0.4 grams Mounting position: Any
.140(3.6) DI .104(2.6) 1.0(25.4 MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Maximum Forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TA =70
SYMBOL VRRM VRMS VDC I(AV)
1N 1N 1N 1N 1N 1N 1N 1N 1N 5391G 5392G 5393G 5394G 5395G 5396G 5397G 5398G 5399G 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 1.5 500 350 500 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR CJ RJA TJ TSTG
50 1.1 5.0 50 20 26 -55 to +150 -55 to +150
A V uA pF /W
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance junction of lead.
~ 23 ~
RATING AND CHARACTERISTIC CURVES 1N5391G thru 1N5399G
FIG. 1 - FORWARD CURRENT DERATING CURVE 60 1.5 AVERAGE FORWARD CURRENT (AMPERES) PEAK FORWARD SURGE CURRENT (AMPERES) 50 40 30 20 10 0
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
1.0
0.5
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5mm)LEAD LENGTHS
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 25 50 75 100 125 150 175
1
2
5
10
20
50
100
LEAD TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 100 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT,(A)
CAPACITANCE (pF)
1.0
10
TJ = 25C
TJ = 25C f = 1 MHz
0.1
PULSE WIDTH 300us
0 1 4 10 100
0.01 0 0 .2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 24 ~


▲Up To Search▲   

 
Price & Availability of 1N5394G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X